PART |
Description |
Maker |
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
AM27X010 AM27X010-120JC AM27X010-120JI AM27X010-12 |
1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 250 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 90 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 55 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device 128K X 8 OTPROM, 120 ns, PDIP32 CABLE TIE BARB TY 120LB 18.1,1
|
PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices] ADVANCED MICRO DEVICES INC
|
AM29LV001BB-45RFI AM29LV001BB-45RFIB AM29LV001BB-4 |
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1兆位28亩8位)的CMOS 3.0伏,只引导扇区闪 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 64KX16,TSOP(II)44,IND,SRAM
|
http:// Advanced Micro Devices, Inc.
|
AM49PDL127AH70IS AM49PDL127AH70IT AM49PDL127AH61IS |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
|
SPANSION[SPANSION]
|
AM29BDS128HD9VFI AM29BDS64HD8VKI AM29BDS128HD8VKI |
128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 12864兆位米或4个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存 128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 8M X 16 FLASH 1.8V PROM, 50 ns, PBGA80 128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 1284兆位米或4个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AM42DL1612DT70IS AM42DL1622DB30IT DL164 DL163 |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc. http://
|
AM27X2048 AM27X2048-120JC AM27X2048-120JI AM27X204 |
2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device 128K X 16 MASK PROM, 70 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device 128K X 16 MASK PROM, 90 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device 128K X 16 MASK PROM, 90 ns, PDIP40 2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device 128K X 16 MASK PROM, 70 ns, PDIP40
|
ADVANCED MICRO DEVICES INC PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
EN71NS128B0-7DCWP EN71NS128B011 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
AM29F200A AM29F200AB-120EC AM29F200AB-120ECB AM29F |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29LV200BT-55TED AM29LV200BT-55TEE AM29LV200BB-55 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29F200BB-120DT1 AM29F200BB-120DP1 AM29F200BB-120 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
|
Advanced Micro Devices, Inc.
|